Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download SN74LS390D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
The SN54 / 74LS390 and SN54 / 74LS393 each contain a pair of high-speed 4-stage ripple counters. Each half of the LS390 is partitioned into a divide-by-two section and a divide-by five section, with a separate clock input for each section. The two sections can be connected to count in the 8.4.2.1 BCD code or they can count in a biquinary sequence to provide a square wave (50% duty cycle) at the final output. Each half of the LS393 operates as a Modulo-16 binary divider, with the last three stages triggered in a ripple fashion. In both the LS390 and the LS393, the flip-flops are triggered by a HIGH-to-LOW transition of their CP inputs. Each half of each circuit type has a Master Reset input which responds to a HIGH signal by forcing all four outputs to the LOW state.
SN54/74LS390 SN54/74LS393
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
LOW POWER SCHOTTKY
* * * * *
Dual Versions of LS290 and LS293 LS390 has Separate Clocks Allowing / 2, / 2.5, / 5 Individual Asynchronous Clear for Each Counter Typical Max Count Frequency of 50 MHz Input Clamp Diodes Minimize High Speed Termination Effects
J SUFFIX CERAMIC CASE 620-09
16 1
16 1
N SUFFIX PLASTIC CASE 648-08
CONNECTION DIAGRAM DIP (TOP VIEW) SN54 / 74LS390
VCC 16 CP0 15 MR 14 Q0 13 CP1 12 Q1 11 Q2 10 Q3 9 J SUFFIX CERAMIC CASE 632-08
14 1 16 1
D SUFFIX SOIC CASE 751B-03
1 CP0
2 MR
3 Q0
4 CP1
5 Q1
6 Q2
7 Q3
8 GND
NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. 14 1
N SUFFIX PLASTIC CASE 646-06
SN54 / 74LS393
VCC 14 CP 13 MR 12 Q0 11 Q1 10 Q2 9 Q3 8
14 1
D SUFFIX SOIC CASE 751A-02
ORDERING INFORMATION
1 CP 2 MR 3 Q0 4 Q1 5 Q2 6 Q3 7 GND SN54LSXXXJ SN74LSXXXN SN74LSXXXD Ceramic Plastic SOIC
FAST AND LS TTL DATA 5-1
SN54/74LS390 * SN54/74LS393
PIN NAMES CP CP0 CP1 MR Q0 - Q3 Clock (Active LOW going edge) Input to +16 (LS393) Clock (Active LOW going edge) Input to / 2 (LS390) Clock (Active LOW going edge) Input to / 5 (LS390) Master Reset (Active HIGH) Input Flip-Flop outputs (Note b) LOADING (Note a) HIGH 0.5 U.L. 0.5 U.L. 0.5 U.L. 0.5 U.L. 10 U.L. LOW 1.0 U.L. 1.0 U.L. 1.5 U.L. 0.25 U.L. 5 (2.5) U.L.
NOTES: a) 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) b) Temperature Ranges.
FUNCTIONAL DESCRIPTION Each half of the SN54 / 74LS393 operates in the Modulo 16 binary sequence, as indicated in the / 16 Truth Table. The first flip-flop is triggered by HIGH-to-LOW transitions of the CP input signal. Each of the other flip-flops is triggered by a HIGH-to-LOW transition of the Q output of the preceding flip-flop. Thus state changes of the Q outputs do not occur simultaneously. This means that logic signals derived from combinations of these outputs will be subject to decoding spikes and, therefore, should not be used as clocks for other counters, registers or flip-flops. A HIGH signal on MR forces all outputs to the LOW state and prevents counting. Each half of the LS390 contains a / 5 section that is independent except for the common MR function. The / 5
section operates in 4.2.1 binary sequence, as shown in the / 5 Truth Table, with the third stage output exhibiting a 20% duty cycle when the input frequency is constant. To obtain a /10 function having a 50% duty cycle output, connect the input signal to CP1 and connect the Q3 output to the CP0 input; the Q0 output provides the desired 50% duty cycle output. If the input frequency is connected to CP0 and the Q0 output is connected to CP1, a decade divider operating in the 8.4.2.1 BCD code is obtained, as shown in the BCD Truth Table. Since the flip-flops change state asynchronously, logic signals derived from combinations of LS390 outputs are also subject to decoding spikes. A HIGH signal on MR forces all outputs LOW and prevents counting.
SN54 / 74LS390 LOGIC DIAGRAM (one half shown)
CP1
CP0
K CP CD MR
J Q CD
K CP
J Q CD
K CP
J Q CD
K CP
J Q
Q0
Q1
Q2
Q3
SN54 / 74LS393 LOGIC DIAGRAM (one half shown)
CP
K CP CD MR
J Q CD
K CP
J Q CD
K CP
J Q CD
K CP
J Q
Q0
Q1
Q2
Q3
FAST AND LS TTL DATA 5-2
SN54/74LS390 * SN54/74LS393
SN54 / 74LS390 BCD TRUTH TABLE (Input on CP0; Q0 CP1)
OUTPUTS COUNT 0 1 2 3 4 5 6 7 8 9 Q3 L L L L L L L L H H Q2 Q1 L L L L H H H H L L L L H H L L H H L L Q0 L H L H L H L H L H COUNT 0 1 2 3 4
SN54/ 74LS390 / 5 TRUTH TABLE (Input on CP1)
OUTPUTS Q3 L L L L H Q2 Q1 L L H H L L H L H L
SN54 / 74LS393 TRUTH TABLE
OUTPUTS COUNT 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Q3 L L L L L L L L H H H H H H H H Q2 Q1 L L L L H H H H L L L L H H H H L L H H L L H H L L H H L L H H Q0 L H L H L H L H L H L H L H L H
SN54 / 74LS390 / 10 (50% @ Q0) TRUTH TABLE (Input on CP1, Q3 to CP0)
OUTPUTS COUNT 0 1 2 3 4 5 6 7 8 9 Q3 L L L L H L L L L H Q2 Q1 L L H H L L L H H L L H L H L L H L H L Q0 L L L L L H H H H H
H = HIGH Voltage Level L = LOW Voltage Level
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA
FAST AND LS TTL DATA 5-3
SN54/74LS390 * SN54/74LS393
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol S bl VIH VIL VIK VOH Parameter P Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage 54 Output HIGH Voltage 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current 0.1 MR IIL Input LOW C I Current CP, CP0 CP1 IOS ICC Short Circuit Current (Note 1) Power Supply Current - 20 - 0.4 - 1.6 - 2.4 - 100 26 0.35 0.5 20 IIH V A mA mA mA mA mA mA VCC = MAX VCC = MAX VCC = MAX VIN = 0.4 V MAX, 04 2.7 3.5 0.25 0.4 V V 2.5 - 0.65 3.5 0.8 - 1.5 V V Min 2.0 0.7 V Typ Max Unit Ui V Test C di i T Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for p g All Inputs VCC = MIN, IIN = - 18 mA , , VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V)
Limits Symbol S bl fMAX fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPHL Parameter P Maximum Clock Frequency CP0 to Q0 Maximum Clock Frequency CP1 to Q1 Propagation Delay, CP to Q0 CP0 to Q0 CP to Q3 CP0 to Q2 CP1 to Q1 CP1 to Q2 CP1 to Q3 MR to Any Output LS393 LS390 LS393 LS390 LS390 LS390 LS390 LS390/393 Min 25 20 12 13 12 13 40 40 37 39 13 14 24 26 13 14 24 20 20 20 20 60 60 60 60 21 21 39 39 21 21 39 Typ 35 Max Unit Ui MHz MHz ns ns ns ns ns ns ns ns Test C di i T Conditions
CL = 15 pF pF
FAST AND LS TTL DATA 5-4
SN54/74LS390 * SN54/74LS393
AC SETUP REQUIREMENTS (TA = 25C, VCC = 5.0 V)
Limits Symbol S bl tW tW tW tW trec Parameter P Clock Pulse Width CP0 Pulse Width CP1 Pulse Width MR Pulse Width Recovery Time LS393 LS390 LS390 LS390/393 LS390/393 Min 20 20 40 20 25 Typ Max Unit Ui ns ns ns ns ns VCC = 5.0 V 50 Test C di i T Conditions
AC WAVEFORMS
*CP
1.3 V tW tPHL
1.3 V tPLH 1.3 V
Q
1.3 V
Figure 1
MR & MS 1.3 V tW CP 1.3 V tPHL Q 1.3 V 1.3 V trec
Figure 2
*The number of Clock Pulses required between tPHL and tPLH measurements can be determined from the appropriate Truth Table.
FAST AND LS TTL DATA 5-5


▲Up To Search▲   

 
Price & Availability of SN74LS390D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X